Part Number Hot Search : 
LT3682 74F2245 IZ1205S 2SD880 U3262A02 VC244A 1N5822U RM235730
Product Description
Full Text Search
 

To Download 1N5819HW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes: 1. no purposefully added lead. 2. device mounted on fr-4 pc board, 2"x2", 2 oz. copper, single sided, cathode pad dimensions 0.75"x1.0", anode pad dimensions 0.25"x1.0". ds30217 rev. 12 - 2 1 of 3 1n5819hw www.diodes.co m ? diodes incorporated features 1n5819hw 1.0a surface m ount schottky barrier recti fier maximum ratings @ t a = 25 c unless otherwise s pecified guard ring die construc tion for transient protection low power loss, high efficiency high surge capabili ty high current capability and low forward voltage drop for use in low voltage, high frequency inverters , free wheeling, and pol arity protection application lead free/ rohs compliant (note 1) mechanical data single phase, half wave, 60hz, resistive or inductive load. for capac itive load, derate current by 20% . characteristic symbol value unit peak repetitive revers e voltage working peak reverse voltage @ i r = 1.0ma dc blocking voltage v rrm v rwm v r 40 v rms reverse voltage v r (rms) 28 v average rectified output curr ent @ t l = 90 c i o 1.0 a repetitive peak forward current t p 1ms, d 0.5 i frm 1.5 a non-repetitive peak forwar d surge current 8.3ms single half sine-wave superimposed on r ated load i fsm 25 a power dissipation (note 2) p d 450 mw typical thermal resistanc e junction to ambient (note 2) r q ja 222 c/w operating and storage temperature range t j , t stg -65 to +125 c case: sod-123 plastic material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c polarity: cathode band leads: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe ) marking: date code and type code, see page 3 type code: sl ordering information: see page 3 weight: 0.01 grams (approximate) sod-123 dim min max a 3.55 3.85 b 2.55 2.85 c 1.40 1.70 d ? 1.35 e 0.45 0.65 0.55 typical g 0.25 ? h 0.11 typical j ? 0.10 a 0 8 all dimensions in m m a b c d e g h j lead-free
ds30217 rev. 12 - 2 2 of 3 1n5819hw www.diodes .com diodes incorporated i , a v e r a g e o u t p u t c u r r e n t ( a ) o 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 t , t e r m i n a l t e m p e r a t u r e ( o c ) t f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e s i n g l e p u l s e h a l f - w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d 0 .0 1 0 .1 1 1 0 0 .0 0 1 0 .0 0 0 1 0 1 .0 0 .6 0 .8 0 .4 0 .2 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , in s t a n t a n e o u s f o rwa r d v o l t a g e ( v ) f f ig . 2 t y p ic a l f o r w a r d c h a r a c te r is ti c s t = 1 0 0 oc a t = 7 5 oc a t = 2 5 oc a t = 0 oc a t = 1 2 5 oc a t = - 6 5 oc a characteristic symbol min typ max unit test condition reverse break down voltage (note 3) v (br)r 40 ? ? v i r = 1.0ma forward voltage v f ? ? ? ? ? ? 0.320 0.450 0.750 v i f = 0.1a i f = 1.0a i f = 3.0a reverse leak age current (note 3) i r ? ? ? ? ? ? ? ? 10 1 15 1.5 1.0 10 50 2 75 3 ma ma m a ma m a ma v r = 40v, t a = 25 c v r = 40v, t a = 100 c v r = 4v, t a = 25 c v r = 4v, t a = 100 c v r = 6v, t a = 25 c v r = 6v, t a = 100 c total capacitance c t ? 50 ? pf v r = 4v, f = 1.0mhz notes: 3. short durat ion pulse test used to minimize self-heating effect. c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 4 ty p i c a l t o ta l c a p a c i ta n c e 1 0 0 0 1 0 1 0 0 0 1 0 2 0 3 0 4 0 f = 1 m h z 0 5 1 0 1 5 2 0 2 5 1 1 0 1 0 0 i , p e a k f o r w a r d s u r g e c u r r e n t ( a ) f s m n u m b e r o f c y c l e s a t 6 0 h z f i g . 3 m a x i m u m n o n - r e p e t i t i v e p e a k f w d s u r g e c u r r e n t 8 . 3 m s s in g le h a lf s in e - w a v e electri cal character isti cs @ t a = 25 c unless otherwise s pecified
ds30217 rev. 12 - 2 3 of 3 1n5819hw www.diodes .com diodes incorporated month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key sl = product type mark ing code ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) s l y m marking i nformat ion notes: 4. for packaging details, go to our website at http: //www.diodes.com/ datasheets /ap02007. pdf . device packaging shipping 1N5819HW-7-F sod-123 3000/tape & reel orderi ng inform ation (note 4) year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code m n p r s t u v w . 0 1 0 . 1 1 0 0 1 0 0 0 1 0 , 0 0 0 0 v , i n s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f i g . 6 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 1 0 1 t = 1 2 5 o c a t = 7 5 o c a t = 2 5 o c a t = 0 o c a t = - 6 5 o c a t = 1 0 0 o c a i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d . 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 1 0 2 0 5 0 4 0 3 0 t , a m b i e n t t e m p e r a t u r e ( ) a o c v , r e v e r s e v o l t a g e ( v ) r f ig . 5 t y p ic a l s a f e o p e r a t in g a r e a


▲Up To Search▲   

 
Price & Availability of 1N5819HW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X